PART |
Description |
Maker |
AT27C256 AT27C256R AT27C256R-12 AT27C256R-12JC AT2 |
256K 32K x 8 OTP CMOS EPROM 256K (128K x 8) OTP CMOS EPROM High-Speed CMOS Logic Phase-Locked Loop with VCO 16-SOIC -40 to 85 256K 32K x 8 OTP CMOS EPROM 32K X 8 OTPROM, 120 ns, PDIP28 256K 32K x 8 OTP CMOS EPROM 32K X 8 OTPROM, 90 ns, PDIP28 High-Speed CMOS Logic Phase-Locked Loop with VCO 16-SO -40 to 85 32K X 8 OTPROM, 70 ns, PQCC32 256K 32K x 8 OTP CMOS EPROM 32K X 8 OTPROM, 70 ns, PDIP28 256K 32K x 8 OTP CMOS EPROM 32K X 8 OTPROM, 120 ns, PDSO28 256K 32K x 8 OTP CMOS EPROM 32K X 8 OTPROM, 70 ns, PQCC32 256K 32K x 8 OTP CMOS EPROM 32K X 8 OTPROM, 55 ns, PDIP28 High-Speed CMOS Logic Phase-Locked Loop with VCO 16-SO -40 to 85 32K X 8 OTPROM, 70 ns, PDIP28 High-Speed CMOS Logic Phase-Locked Loop with VCO 16-TVSOP -40 to 85 High-Speed CMOS Logic Phase-Locked Loop with VCO 16-TSSOP -40 to 85 8-Channel Analog Multiplexer/Demultiplexer 16-SSOP -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation] http://
|
CY7C1399DL-10VXC CY7C1399DL-10VXI CY7C1399DL-10ZXC |
32K X 8 CACHE SRAM, 12 ns, PDSO28 256K (32K x 8) Static RAM
|
CYPRESS SEMICONDUCTOR CORP
|
AT28C256-15PI AT28C256-15PC AT28C256E AT28C256E-15 |
256K 32K x 8 Paged CMOS E2PROM 256K (32K x 8) Paged CMOS From old datasheet system
|
ATMEL[ATMEL Corporation]
|
UPD43257BGU-70L UPD43257BGU-70LL UPD43257BGU-85L U |
32K X 8 STANDARD SRAM, 70 ns, PDSO28 MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
|
NEC
|
IDT71256 IDT71256L IDT71256L100D IDT71256L100DB ID |
Precision Adjustable (Programmable) Shunt Reference 8-CDIP -55 to 125 的CMOS静态RAM 256K2K的8位) Dual Pulse-Width-Modulation Control Circuit 16-SSOP 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 25 ns, CDIP28 Single UART with 16-Byte FIFOs and Auto Flow Control 44-PLCC 0 to 70 的CMOS静态RAM 256K2K的8位) CABLE SMA/SMA 36 RG-142 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 120 ns, CDIP28 Dual-Channel Pulse-Width-Modulation (PWM) Control Circuit 16-SSOP -20 to 85 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDSO28 CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDIP28 Replaced by TL16C550C : Single UART with 16-Byte FIFO 40-PDIP 0 to 70 Single UART with 16-Byte FIFOs and Auto Flow Control 48-LQFP 0 to 70 1.8-V to 5-V Dual UART with 16-Byte FIFOs 48-TQFP 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFO 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC -40 to 85 Quad Pulse-Width-Modulation Control Circuit 48-LQFP -20 to 75 CMOS Static RAM 256k ( 32k X 8-bit )
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Technolog...
|
M27256 M27256-F1 M27256-F6 M27256-4F6 M27256-1F1 M |
NND - NMOS 256 KBIT (32KB X8) UV EPROM NMOS 256K 32K x 8 UV EPROM 32K X 8 UVPROM, 200 ns, CDIP28 32K X 8 UVPROM, 250 ns, CDIP28
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
X28HC256D-12 X28HC256PZ-12 X28HC256PZ-15 X28HC256P |
256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 90 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 90 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 200 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC T&R 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-PDIP 32K X 8 EEPROM 5V, 90 ns, PDIP28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC T&R 32K X 8 EEPROM 5V, 90 ns, PQCC32 5V, Byte Alterable EEPROM
|
Intersil, Corp. Intersil Corporation
|
IDT71256SA15PZ IDT71256SA IDT71256SA20PZ IDT71256S |
CMOS STATIC RAM 256K (32K x 8-BIT) Asynchronous Communications Element With Autoflow Control 48-LQFP -40 to 85 CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 12 ns, PDSO28 Asynchronous Communications Element With Autoflow Control 48-TQFP 0 to 70 32K X 8 STANDARD SRAM, 25 ns, PDSO28
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
AT29C256-9 AT29C256 AT29C256-70PC AT29C256-70JC AT |
256K 32K x 8 5-volt Only CMOS Flash Memory 256K (32K x 8) 5-volt Only Flash Memory
|
ATMEL[ATMEL Corporation]
|
M87C257-20C1TR M87C257-20C3TR M87C257-20C6TR M87C2 |
Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
|
STMicroelectronics
|
MCM67A618 MCM67A618FN10 MCM67A618FN12 MCM67A618FN1 |
64K x 18 Bit Asychronous/Latched Address Fast Static RAM 64K X 18 CACHE TAG SRAM, 10 ns, PQCC52
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc]
|
|